PART |
Description |
Maker |
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
2SC3279 E000814 SC3279 2SC3269 |
Silicon NPN transistor for strobo flash applications and medium power amplifier applications STOROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS From old datasheet system NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS) NPN EPITAXIAL TYPE (STOROBO FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
CSC1815GR CSC1815O |
0.400W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.150A Ic, 200 - 400 hFE 0.400W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.150A Ic, 120 - 240 hFE
|
Continental Device India Limited
|
ZTX692B ZTX692 ZTX692B-15 |
NPN SILICON PLANAR MEDIUM POWER NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
FMMT38A FMMT38B FMMT38C FMMT38CTA |
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 300 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Fairchild Semiconductor
|
BF620 BF620-T1 |
NPN silicon high voltage medium-power transistor. The Small-signal NPN Silicon High Voltage Medium-Power Transistor
|
Planeta List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
BUL116 BUL116D 8671 |
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N6724 2N6725 2N6724STOA 2N6724STOB 2N6724STZ |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Darlington Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|